Part Number Hot Search : 
6M000 P6KE68C 1322BB 3386W202 13U01 CL100 P6KE68 M57716L
Product Description
Full Text Search
 

To Download LM78M06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Three-Terminal Positive Voltage Regulator LM78M06
TO-252
6.50 5.30 0.15 0.2
IC
Unit: mm
0.15
2.30 0.50 -0.7
+0.8
0.1
9.70
Continuous Total Dissipation PD: 1.25W
0.80 2.3 4.60
0.1 0.60 0.15 0.10
+0.28 1.50 -0.10
1.IN 2.GND 3.OUT
Absolute Maximum Ratings (Operating temperature range applies unless otherwise specified)
Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Symbol VI TOPR TSTG -55 -65 Rating 35 +125 +150 Unit V
Electrical Characteristics (VI=11V, IO=350mA,CI=0.33 F,CO=0.1 F, unless otherwise specified)
Parameter Symbol TJ = 25 Output Voltage VO TJ = 0 125 , 8V PO 15W TJ = 25 , IO=5mA TJ = 25 , IO=5mA Line Regulation Quiescent Current Quiescent current Change Output Noise Voltage Ripple Rejection Dropout Voltage Short Circuit Current Peak Current VO IQ IQ VN RR VD ISC IPK TJ = 25 , 8V TJ = 25 , 9V TJ = 25 TJ = 0 125 , 9V TJ = 0 125 , 5mA TJ = 25 , 10Hz f TJ=0 125 , 9V VI IO 25V, IO = 200mA 350mA 45 59 80 2 270 0.7 VI VI VI 21V, IO=5mA 350mA, Testconditons Min 5.75 5.7 Typ 6 6 18 10 5 1.5 4.3 Max 6.25 6.3 120 60 100 50 6 0.8 0.5 V dB V mA A Unit V V mV mV mV mV mA mA
Load Regulation
VO
0.5A 200mA 25V, IO = 200mA 25V, IO = 200mA
100KHz VI 19V, f=120Hz, IO=300mA
TJ = 25 , IO = 350mA TJ = 25 , VI = 11V TJ = 25
+0.25 2.65 -0.10
Output Voltage VO: 6V
1
2
3
0.50
0.127max
5.55
Maximum Output current IOM: 0.5A
0.15
0.15
0.2
Features
1.50
www.kexin.com.cn
1
SMD Type
LM78M06
Typical Application
VI
1
LM78M06
IC
3
VO
CI
0.33 F
2
CO
0.1 F
Typical Characteristics
V O 8.30 (V)
8.25 8.20 8.15 8.10 8.05 8.00 7.95 7.90 7.85 7.80 -40 -20 0 20 40 60 80 100 120 140
I Q 0.0060 (A)
0.0055 0.0050 0.0045 0.0040 0.0035 0.0030 0.0025 0.0020 0.0015 0.0010 0.0005 0.0000 0 5 10 15 20
TA (
)
V IN (V)
Ambient Temperature vs Output Voltage
Input Voltage vs Quiescent Current (T J = 25
)
VO (V)
8.2 8.0 7.8 7.6 7.4 7.2 7.0 6.8 6.6 8.5 9.0 9.5 10.0 10.5 11.0 11.5 12.0
I IN 0.12 (A)
0.10
0.08
0.06
0.04
0.02
0.00 0 5 10 15 20
V IN (V)
V IN (V)
Input Voltage vs Output Voltage (T J = 25
)
Input Voltage vs Input Current (T J = 25
)
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of LM78M06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X